Part Number Hot Search : 
NTE18 E2033S 9S12G BM8290 RN2325A UPB410D 1N5339BG DS2711Z
Product Description
Full Text Search
 

To Download MP2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
MP2505 THRU MP2510
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes
FEATURES
* * * * Superior thermal desing 300 amperes surge rating // 1/4 universal faston terminal Hole thru for # 10 screw
MECHANICAL DATA
* UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O
MP-25
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MP-25W
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (from junction to case) Typical Thermal Resistance (from junction to ambient) Operating and Storage Temperature Range R JC RJA TJ,TSTG 1.9 19 -55 to + 150
0 0 o
SYMBOL VRRM VRMS VDC IO IFSM
MP2505 50 35 50
MP251 100 70 100
MP252 200 140 200
MP254 400 280 400 25.0 300
MP256 600 420 600
MP258 800 560 800
MP2510 UNITS 1000 700 1000 Volts Volts Volts Amps Amps
C/W C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 12.5A DC Maximum Reverse Current at Rated DC Blocking Voltage per element @TA = 25 o C @TC = 100 o C SYMBOL VF IR 0.5 mAmps 2005-3 REV: A MP2505 MP251 MP252 MP254 1.1 5.0 MP256 MP258 MP2510 UNITS Volts uAmps
NOTE: 1. Suffix "W" for wire type 2. "Fully ROHS compliant","100% Sn plating(Pb-free).
RATING AND CHARACTERISTIC CURVES ( MP2505 THRU MP2510 )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE
8.3ms Single Half Sine-Wave (JEDEC Method)
AVERAGE FORWARD CURRENT, (A)
500
25 20
400
300
15
200
10
60 Hz RESISTIVE OR INDUCTIVE LOAD
100
5 0 0
0 1 2 4 6 8 10 20 40 6080100 NUMBER OF CYCLES AT 60Hz
50 100 CASE TEMPERATURE, (
150 )
175
CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
100
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 3- TYPICAL INSTANTANEOUS FORWARD
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10
10
1.0
TJ = 25
1.0
TJ = 25 Pulse Width = 300us 1% Duty Cycle
.1
.1
.01 .6 .7 .8 .9 1.0 1.1 1.2 1.3
INSTANTANEOUS FORWARD VOLTAGE, (V)
.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
Max. .311 (7.9) .480 (12.2) .425 (10.8)
MAX. .311 (7.9)
.043 (1.1) .039 (1.0)
MIN. .787 (20.0)
1.142 (29) 1.102 (28) .673 (17.1) .634 (16.1)
Hole for # 10 screw Min f.200 (5.08)
1.142 (29) 1.102 (28)
Hole for # 10 screw Min .200 (5.08)
.732 (18.6)
.693 (17.6)
.732 (18.6) .693 (17.6)
1.142 (29) 1.102 (28)
.673 (17.1)
.634 (16.1)
.583 (14.8) .543 (13.8)
.32 x .252 (0.81 x 6.35)
.732 (18.6) .693 (17.6)
MP-25
MP-25W
RECTRON
.469 (11.9) .429 (10.9)
.142 (29.0) .102 (28.0)


▲Up To Search▲   

 
Price & Availability of MP2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X